PART |
Description |
Maker |
HFA1115MJ_ HFA1115_883 HFA1115883 HFA1115MJ_883 |
High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
|
INTERSIL[Intersil Corporation]
|
5962F9678501VPA |
Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier
|
Intersil
|
TML9017 BXL9017 TNL9017 |
RF Limiting Amplifier High Output Level: 10 dBm
|
API Technologies Corp Spectrum Microwave, Inc.
|
SY84113BU-15 |
Low Power 2.5V 1.25Gbps Limiting Post Amplifier with Ultra Wide LOS Range
|
Micrel Semiconductor
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
NCP590MN5DTAG NCP590MNADR2G NCP590MNOATAG NCP590MN |
Dual Output, High Accuracy Ultra Low Dropout
|
ON Semiconductor
|
A124HI |
Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
|
MicroPower Direct, LLC
|
MIR513 MIR526 MIR500 MIR501 MIR502 MIR503 MIR504 M |
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
|
Total Power International MINMAX[Minmax Technology Co., Ltd.]
|
CCLH150 CCLH120 CCLH080 CCLH100 |
From old datasheet system HIGH CURRENT CURRENT LIMITING DIODE Leaded Current Limiting Diode Leaded
|
CENTRAL[Central Semiconductor Corp]
|
NCP590MNPPTAG NCP590MNOATAG NCP590MNDPTAG NCP590MN |
Dual Output, High Accuracy, Ultra Low Dropout CMOS LDO
|
ON Semiconductor
|